PART |
Description |
Maker |
SHF1402SMS |
40 AMPS 200- 600 VOLTS 30 nsec HYPER FAST RECTIFIER 4 A, 200 V, SILICON, RECTIFIER DIODE
|
Solid State Devices, Inc.
|
CS220-12P CS220-12B CS220-12D CS220-12M CS220-12N |
SILICON CONTROLLED RECTIFIER 12 AMP, 200 THRU 1000 VOLTS 12 A, 1000 V, SCR, TO-220AB SILICON CONTROLLED RECTIFIER 12 AMP, 200 THRU 1000 VOLTS 12 A, 200 V, SCR, TO-220AB SILICON CONTROLLED RECTIFIER 12 AMP, 200 THRU 1000 VOLTS 12 A, 800 V, SCR, TO-220AB SILICON CONTROLLED RECTIFIER 12 AMP/ 200 THRU 1000 VOLTS
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
CKR05BX102KRV |
Ceramic, Military/High Reliability, MIL-39014, 1000 pF, 10%, 200 V, BX, R (0.01%/1000 Hrs), Lead Spacing = 5.08mm
|
Kemet Corporation
|
FM200ABYXY FM200BBYXY FM200CBYXY FM200DBYXY FM200E |
KILOVAC FM200 (隆掳FLATMAN隆卤) Series 1-, 2- or 3-pole Contactor With Contacts Rated 200 Amps, 480Vac (50/60 Hz. ) or 48Vdc KILOVAC FM200 (??LATMAN?? Series 1-, 2- or 3-pole Contactor With Contacts Rated 200 Amps, 480Vac (50/60 Hz. ) or 48Vdc KILOVAC FM200 (“FLATMAN? Series 1-, 2- or 3-pole Contactor With Contacts Rated 200 Amps, 480Vac (50/60 Hz. ) or 48Vdc
|
Tyco Electronics
|
MTW6N100E-D |
Power MOSFET 6 Amps, 1000 Volts
|
ON Semiconductor
|
SDR9400S20 SDR9400S10 SDR9400S15 |
400 AMPS 1000 ─ 2000 VOLTS 25 μsec STANDARD RECOVERY HIGH CURRENT RECTIFIER 400 AMPS 1000 Α 2000 VOLTS 25 レsec STANDARD RECOVERY HIGH CURRENT RECTIFIER
|
SSDI[Solid States Devices, Inc]
|
KTK-R KTK-R-1 KTK-R-1-1_2 KTK-R-1_10 KTK-R-1_2 KTK |
Fast-Acting Fuses 13/32 x 1-1/2? Class CC - 600 Volt, 1/10 - 30 Amps Fast-Acting Fuses 13/32” x 1-1/2”, Class CC - 600 Volt, 1/10 - 30 Amps Fast-Acting Fuses 13/32??x 1-1/2?? Class CC - 600 Volt, 1/10 - 30 Amps
|
List of Unclassifed Manufacturers ETC N.A.
|
MAX420 MAX420CPA MAX420CPD MAX420CWE MAX420EPA MAX |
±15V Chopper Stabilized Op Amps ±15 Volt Chopper Stabilized Operational Amplifier 15V Volt Chopper Stabilized Operational Amplifier 【15 VOLT CHOPPER STABILIZED OPERATIONAL AMPLIFIER OP-AMP|SINGLE|CMOS|SOP|16PIN|PLASTIC OP-AMP, 20 uV OFFSET-MAX, 0.5 MHz BAND WIDTH, PDSO16 ±15V Chopper Stabilized Op Amps OP-AMP, 20 uV OFFSET-MAX, 0.5 MHz BAND WIDTH, PDIP14
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc.
|
SDR1MSMS SDR1ASM SDR1ASMM SDR1ASMS SDR1BSM SDR1BSM |
1.0 AMPS 50 - 1000 VOLTS 50 - 70 nsec ULTRA FAST RECTIFIER
|
Solid States Devices, I... SSDI[Solid States Devices, Inc]
|